Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3522 Datasheet(PDF) 4 Page - EPCOS

Part # B3522
Description  SAW Components
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3522 Datasheet(HTML) 4 Page - EPCOS

  B3522 Datasheet HTML 1Page - EPCOS B3522 Datasheet HTML 2Page - EPCOS B3522 Datasheet HTML 3Page - EPCOS B3522 Datasheet HTML 4Page - EPCOS B3522 Datasheet HTML 5Page - EPCOS B3522 Datasheet HTML 6Page - EPCOS B3522 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
November 10, 2009
B3522
1575.42 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to+105 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.397 ... 1576.443 MHz
—
1.6
2.2
dB
Amplitude ripple (p-p)
∆α
1574.397 ... 1576.443 MHz
—
0.2
1.0
dB
Input VSWR
1574.397 ... 1576.443 MHz
—
1.4
1.9
Output VSWR
1574.397 ... 1576.443 MHz
—
1.3
1.9
Attenuation
α
10.00 ... 1450.00 MHz
40
43
—
dB
1450.00 ... 1500.00 MHz
33
45
—
dB
1625.00 ... 1640.00 MHz
35
50
—
dB
1640.00 ... 1800.00 MHz
44
47
—
dB
1800.00 ... 2000.00 MHz
42
44
—
dB
2000.00 ... 3000.00 MHz
30
35
—
dB
Maximum ratings
Operable temperature range T
–40/+125 ˚C
Storage temperature range
Tstg
–40/+125 ˚C
DC voltage
VDC
6
V
Source power
PS
10
dBm
source impedance 50
Ω
20
dBm
824 MHz to 915 MHz,
1710 MHz to 1785 MHz,
1850 MHz to 1910 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com