Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3524 Datasheet(PDF) 3 Page - EPCOS

Part # B3524
Description  SAW Components
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3524 Datasheet(HTML) 3 Page - EPCOS

  B3524 Datasheet HTML 1Page - EPCOS B3524 Datasheet HTML 2Page - EPCOS B3524 Datasheet HTML 3Page - EPCOS B3524 Datasheet HTML 4Page - EPCOS B3524 Datasheet HTML 5Page - EPCOS B3524 Datasheet HTML 6Page - EPCOS B3524 Datasheet HTML 7Page - EPCOS B3524 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 22, 2010
B3524
1575.42 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
—
1.2
1.6
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
—
0.2
0.7
dB
VSWR
Input
1574.42 ... 1576.62 MHz
—
1.35
1.7
Output
1574.42 ... 1576.42 MHz
—
1.35
1.7
Attenuation
α
10.00 ... 1476.00 MHz
37
41
—
dB
1476.00 ... 1526.00 MHz
28
33
—
dB
1625.00 ... 1640.00 MHz
29
41
—
dB
1640.00 ... 1850.00 MHz
42
45
—
dB
1850.00 ... 2000.00 MHz
37
40
—
dB
2000.00 ... 2250.00 MHz
33
36
—
dB
2250.00 ... 2570.00 MHz
27
30
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com