Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3529 Datasheet(PDF) 3 Page - EPCOS

Part # B3529
Description  SAW Components
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3529 Datasheet(HTML) 3 Page - EPCOS

  B3529 Datasheet HTML 1Page - EPCOS B3529 Datasheet HTML 2Page - EPCOS B3529 Datasheet HTML 3Page - EPCOS B3529 Datasheet HTML 4Page - EPCOS B3529 Datasheet HTML 5Page - EPCOS B3529 Datasheet HTML 6Page - EPCOS B3529 Datasheet HTML 7Page - EPCOS B3529 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 15, 2008
B3529
1601.50 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1601.5
—
MHz
Maximum insertion attenuation
α
max
1593.00 ... 1610.00 MHz
—
2.5
4.0
dB
Amplitude ripple (p-p)
∆α
1593.00 ... 1610.00 MHz
—
0.6
2.5
dB
Group delay ripple (p-p)
∆τ
1593.00 ... 1610.00 MHz
—
12
27
ns
VSWR
1593.00 ... 1610.00 MHz
—
1.6
2.0
Attenuation
α
700.00 ... 1400.00 MHz
40
44
—
dB
1400.00 ... 1530.00 MHz
35
40
—
dB
1530.00 ... 1570.00 MHz
10
12
—
dB
1625.00 ... 1640.00 MHz
10
25
—
dB
1640.00 ... 1650.00 MHz
22
37
—
dB
1650.00 ... 1670.00 MHz
30
48
—
dB
1670.00 ... 1870.00 MHz
40
43
—
dB
1870.00 ... 2270.00 MHz
35
38
—
dB
2270.00 ... 2700.00 MHz
30
35
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com