Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3588 Datasheet(PDF) 4 Page - EPCOS

Part # B3588
Description  SAW RF filter Short range devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3588 Datasheet(HTML) 4 Page - EPCOS

  B3588 Datasheet HTML 1Page - EPCOS B3588 Datasheet HTML 2Page - EPCOS B3588 Datasheet HTML 3Page - EPCOS B3588 Datasheet HTML 4Page - EPCOS B3588 Datasheet HTML 5Page - EPCOS B3588 Datasheet HTML 6Page - EPCOS B3588 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
August 21, 2008
B3588
915.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
915.00
—
MHz
Maximum insertion attenuation
α
max
902.00 ...
928.00 MHz
—
2.9
3.5
dB
Amplitude ripple (p-p)
∆α
902.00 ...
928.00 MHz
—
0.9
1.8
dB
Attenuation (relative to
α
max)
α
rel
10.00 ...
800.00 MHz
50
55
—
dB
800.00 ...
845.00 MHz
45
50
—
dB
845.00 ...
880.00 MHz
33
43
—
dB
947.00 ...
992.00 MHz
13
22
—
dB
992.00 ... 1020.00 MHz
35
45
—
dB
1020.00 ... 1200.00 MHz
45
50
—
dB
Temperature coefficient of frequency
TCf
—
–30
—
ppm/K
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
5
V
Source power
PS
15
dBm
source impedance 50
Ω
Source power
902 MHz to 928 MHz
PS
18
dBm
duty cycle 1:10,
–40 ˚C to +85 ˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com