Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3590 Datasheet(PDF) 3 Page - EPCOS

Part # B3590
Description  SAW filter Short range devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3590 Datasheet(HTML) 3 Page - EPCOS

  B3590 Datasheet HTML 1Page - EPCOS B3590 Datasheet HTML 2Page - EPCOS B3590 Datasheet HTML 3Page - EPCOS B3590 Datasheet HTML 4Page - EPCOS B3590 Datasheet HTML 5Page - EPCOS B3590 Datasheet HTML 6Page - EPCOS B3590 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
November 09, 2007
B3590
460.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
TA = –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
Maximum ratings
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
460.0
—
MHz
Maximum insertion attenuation
α
max
450.0
...
470.0
MHz
—
2.0
3.5 1)
1) 2.2 dB at 25 ˚C; 3.2 dB for –30 ˚C to +60˚C
dB
Amplitude ripple (p-p)
∆α
450.0
...
470.0
MHz
—
0.7
2.7 2)
2) 1.4 dB at 25 ˚C; 2.4 dB for –30 ˚C to +60˚C
dB
Input return loss
450.0
...
470.0
MHz
10.0
14.5
—
dB
Output return loss
450.0
...
470.0
MHz
10.0
17.5
—
dB
Attenuation
α
1.0
...
300.0
MHz
30
42
—
dB
300.0
...
380.0
MHz
24
34
—
dB
380.0
...
430.0
MHz
15
23
—
dB
504.825...
524.825MHz
12
32
—
dB
559.65 ...
579.65 MHz
28
41
—
dB
669.3
...
689.3
MHz
24
37
—
dB
689.3
... 1000.0
MHz
26
34
—
dB
Operable temperature range TA
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
5
V
ESD voltage
VESD
100 1)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input Power at
450.0 ... 470.0 MHz
PIN
10
dBm
continuous wave



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com