Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HER201
Description  HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HER201 Datasheet(HTML) 1 Page - Rectron Semiconductor

  HER201 Datasheet HTML 1Page - Rectron Semiconductor HER201 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage drop
* High current capability
* High speed switching
* High surge capability
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
HER201
THRU
HER208
DO-15
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
2001-5
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
0 C
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA= 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IO
IFSM
CJ
VRMS
Amps
2.0
60
30
Amps
pF
HER201 HER202 HER203 HER204 HER205
HER206
HER208 UNITS
200
HER207
50
35
50
100
70
100
140
200
300
210
300
400
280
400
600
420
600
1000
700
1000
800
560
800
Volts
Volts
Volts
20
HER205P
400
280
400
50
Maximum Reverse Recovery Time (Note 1)
trr
75
nSec
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current
Average, Full Cycle .375” (9.5mm) lead length at TL = 55
oC
VF
SYMBOL
IR
5.0
100
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
1.0
1.70
HER201 HER202 HER203 HER204 HER205
HER206
HER208 UNITS
HER207
HER205P
1.3
1.0


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Lunsure Electr...
HER201 CHENYI-HER201 Datasheet
155Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER101 RECTRON-HER101 Datasheet
29Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
HER301 RECTRON-HER301 Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere)
HER501 RECTRON-HER501 Datasheet
30Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Ampere)
logo
Raltron Electronics Cor...
HER301G RALTRON-HER301G Datasheet
34Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
logo
Rectron Semiconductor
HER301G RECTRON-HER301G Datasheet
34Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
HFM201L RECTRON-HFM201L Datasheet
341Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
WILLAS ELECTRONIC CORP
RS201-01 WILLAS-RS201-01 Datasheet
220Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
Rectron Semiconductor
HER201 RECTRON-HER201_11 Datasheet
218Kb / 7P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
New Jersey Semi-Conduct...
HER101 NJSEMI-HER101 Datasheet
347Kb / 1P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
SH1 RECTRON-SH1_V01 Datasheet
849Kb / 7P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com