Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3713 Datasheet(PDF) 3 Page - EPCOS

Part # B3713
Description  SAW filter Short range devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3713 Datasheet(HTML) 3 Page - EPCOS

  B3713 Datasheet HTML 1Page - EPCOS B3713 Datasheet HTML 2Page - EPCOS B3713 Datasheet HTML 3Page - EPCOS B3713 Datasheet HTML 4Page - EPCOS B3713 Datasheet HTML 5Page - EPCOS B3713 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
January 03, 2008
B3713
313.85 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
313.85
—
MHz
Maximum insertion attenuation
α
max
313.55 ...
314.15 MHz
—
1.7
2.5
dB
Amplitude ripple
313.55 ...
314.15 MHz
—
0.4
1.2
dB
Relative attenuation (relative to
α
max)
α
rel
270.00 ...
286.00 MHz
55
60
—
dB
291.85 ...
292.75 MHz
53
58
—
dB
302.85 ...
303.45 MHz
48
53
—
dB
324.25 ...
324.85 MHz
28
35
—
dB
334.95 ...
335.85 MHz
50
55
—
dB
356.35 ...
357.55 MHz
50
55
—
dB
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
0
V
Source power
PS
10
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com