Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3718 Datasheet(PDF) 5 Page - EPCOS

Part # B3718
Description  SAW RF filter Short range device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3718 Datasheet(HTML) 5 Page - EPCOS

  B3718 Datasheet HTML 1Page - EPCOS B3718 Datasheet HTML 2Page - EPCOS B3718 Datasheet HTML 3Page - EPCOS B3718 Datasheet HTML 4Page - EPCOS B3718 Datasheet HTML 5Page - EPCOS B3718 Datasheet HTML 6Page - EPCOS B3718 Datasheet HTML 7Page - EPCOS B3718 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
January 14, 2009
B3718
916.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
0
V
Source power
PS
13
dBm
source impedance 50
Ω
Source power
914.25 MHz to 917.75 MHz
PS
16
dBm
duty cycle 1:10,
–40 ˚C to +85 ˚C
Source power
914.25 MHz to 917.75 MHz
PS
20
dBm
duty cycle 1:100,
–40 ˚C to +85 ˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com