Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRS3318CPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # TRS3318CPWR
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3318CPWR Datasheet(HTML) 3 Page - Texas Instruments

  TRS3318CPWR Datasheet HTML 1Page - Texas Instruments TRS3318CPWR Datasheet HTML 2Page - Texas Instruments TRS3318CPWR Datasheet HTML 3Page - Texas Instruments TRS3318CPWR Datasheet HTML 4Page - Texas Instruments TRS3318CPWR Datasheet HTML 5Page - Texas Instruments TRS3318CPWR Datasheet HTML 6Page - Texas Instruments TRS3318CPWR Datasheet HTML 7Page - Texas Instruments TRS3318CPWR Datasheet HTML 8Page - Texas Instruments TRS3318CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
DIN2
DIN1
DOUT2
DOUT1
Auto-Powerdown Plus
INVALID
RIN1
RIN2
FORCEOFF
FORCEON
ROUT1
ROUT2
13
12
20
14
15
10
17
8
11
16
9
5 k
5 k
Ω
Ω
READY
1
TRS3318
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH ±15-kV ESD PROTECTION
SLLS820 – AUGUST 2007
LOGIC DIAGRAM (POSITIVE LOGIC)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
C1+
2
Positive voltage-doubler charge-pump capacitor
C1–
4
Negative voltage-doubler charge-pump capacitor
C2+
5
Positive inverting charge-pump capacitor
C2–
6
Negative inverting charge-pump capacitor
DIN
12, 13
CMOS driver inputs
DOUT
8, 17
RS-232 driver outputs
Force-off input, active low. Drive low to power down transmitters, receivers, and charge pump. This overrides
FORCEOFF
20
auto-powerdown and FORCEON (see Function Table).
Force-on input, active high. Drive high to override auto-powerdown, keeping transmitters and receivers on
FORCEON
14
(FORCEOFF must be high) (see Function Table).
GND
18
Ground
Valid signal detector output, active low. A logic high indicates that a valid RS-232 level is present on a receiver
INVALID
11
input.
Ready to transmit output, active high. READY is enabled high when V– goes below –3.5 V and the device is
READY
1
ready to transmit.
RIN
9, 16
RS-232 receiver inputs
ROUT
10, 15
CMOS receiver outputs
V+
3
2
× V
CC generated by the charge pump
V–
7
–2
× V
CC generated by the charge pump
VCC
19
2.25-V to 3-V single-supply voltage
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TRS3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com