Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3719 Datasheet(PDF) 3 Page - EPCOS

Part # B3719
Description  SAW filter Short range devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3719 Datasheet(HTML) 3 Page - EPCOS

  B3719 Datasheet HTML 1Page - EPCOS B3719 Datasheet HTML 2Page - EPCOS B3719 Datasheet HTML 3Page - EPCOS B3719 Datasheet HTML 4Page - EPCOS B3719 Datasheet HTML 5Page - EPCOS B3719 Datasheet HTML 6Page - EPCOS B3719 Datasheet HTML 7Page - EPCOS B3719 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
June 22, 2007
B3719
315.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
315.00
—
MHz
Maximum insertion attenuation
α
max
314.50 ...
315.50 MHz
—
1.4
1.9
dB
Amplitude ripple (p-p)
∆α
314.50 ...
315.50 MHz
—
0.4
1.0
dB
Input VSWR
314.50 ...
315.50 MHz
—
1.3
1.6
Output VSWR
314.50 ...
315.50 MHz
—
1.3
1.6
Attenuation
α
270.00 ...
286.00 MHz
60
68
—
dB
293.00 ...
293.90 MHz
56
64
—
dB
304.00 ...
304.60 MHz
49
53
—
dB
325.40 ...
326.00 MHz
29
33
—
dB
336.10 ...
337.00 MHz
52
60
—
dB
357.50 ...
358.70 MHz
55
63
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com