Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3721 Datasheet(PDF) 4 Page - EPCOS

Part # B3721
Description  SAW filter Short range devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3721 Datasheet(HTML) 4 Page - EPCOS

  B3721 Datasheet HTML 1Page - EPCOS B3721 Datasheet HTML 2Page - EPCOS B3721 Datasheet HTML 3Page - EPCOS B3721 Datasheet HTML 4Page - EPCOS B3721 Datasheet HTML 5Page - EPCOS B3721 Datasheet HTML 6Page - EPCOS B3721 Datasheet HTML 7Page - EPCOS B3721 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
March 25, 2009
B3721
433.92 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
433.92
—
MHz
Maximum insertion attenuation
α
max
433.12 ...
434.72 MHz
—
2.6
2.9
dB
Amplitude ripple (p-p)
∆α
433.12 ...
434.72 MHz
—
0.4
1.0
dB
Input VSWR
433.12 ...
434.72 MHz
—
1.8
2.0
Output VSWR
433.12 ...
434.72 MHz
—
1.8
2.0
Attenuation
α
10.00 ...
380.00 MHz
60
65
—
dB
380.00 ...
423.42 MHz
46
51
—
dB
423.42 ...
427.42 MHz
30
34
—
dB
427.42 ...
429.42 MHz
7
17
—
dB
438.42 ...
444.42 MHz
6
16
—
dB
444.42 ...
460.00 MHz
32
37
—
dB
460.00 ...
700.00 MHz
52
58
—
dB
700.00 ... 1000.00 MHz
48
51
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com