Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3737 Datasheet(PDF) 3 Page - EPCOS

Part # B3737
Description  SAW filter Short range devices
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3737 Datasheet(HTML) 3 Page - EPCOS

  B3737 Datasheet HTML 1Page - EPCOS B3737 Datasheet HTML 2Page - EPCOS B3737 Datasheet HTML 3Page - EPCOS B3737 Datasheet HTML 4Page - EPCOS B3737 Datasheet HTML 5Page - EPCOS B3737 Datasheet HTML 6Page - EPCOS B3737 Datasheet HTML 7Page - EPCOS B3737 Datasheet HTML 8Page - EPCOS B3737 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
March 22, 2007
B3737
447.725 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –45 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
447.725
—
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements (QL = 47)
—
2.2
3.0
dB
excl. loss in matching elements
—
1.6
2.6
dB
Pass band (relative to
α
min)
447.60 ...
447.85 MHz
—
0.8
2.0
dB
447.58 ...
447.87 MHz
—
1.0
3.0
dB
447.56 ...
447.91 MHz
—
1.2
6.0
dB
Filter bandwidth
α
rel ≤ 3 dB
0.65
0.70
0.75
MHz
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
427.80 MHz
50
55
—
dB
427.80 ...
437.30 MHz
45
50
—
dB
437.30 ...
444.72 MHz
30
38
—
dB
444.72 ...
446.72 MHz
15
20
—
dB
448.72 ...
458.22 MHz
12
15
—
dB
458.22 ...
467.72 MHz
40
50
—
dB
467.72 ...
810.00 MHz
42
54
—
dB
810.00 ... 1500.00 MHz
50
65
—
dB
1500.00 ... 2000.00 MHz
45
60
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=
RIN
||
CIN
—
340 || 2.2
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
340 || 2.2
—
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com