Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS321IDR
Description  LOW-POWER SINGLE OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS321IDR Datasheet(HTML) 1 Page - Texas Instruments

  TS321IDR Datasheet HTML 1Page - Texas Instruments TS321IDR Datasheet HTML 2Page - Texas Instruments TS321IDR Datasheet HTML 3Page - Texas Instruments TS321IDR Datasheet HTML 4Page - Texas Instruments TS321IDR Datasheet HTML 5Page - Texas Instruments TS321IDR Datasheet HTML 6Page - Texas Instruments TS321IDR Datasheet HTML 7Page - Texas Instruments TS321IDR Datasheet HTML 8Page - Texas Instruments TS321IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FEATURES
D(SOIC)PACKAGE
(TOP VIEW)
1
2
3
6
7
8
4
5
OUT
V
CC+
IN–
IN+
V
CC–
NC
NC
NC
DBV(SOT-23-5)PACKAGE
(TOP VIEW)
1
2
5
OUT
V
CC+
3
4
IN+
IN–
V
CC–
NC – Nointernalconnection
DESCRIPTION/ORDERING INFORMATION
TS321
www.ti.com...................................................................................................................................... SLOS489B – DECEMBER 2005 – REVISED SEPTEMBER 2008
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
• Wide Power-Supply Range
–
Single Supply…3 V to 30 V
–
Dual Supply…±1.5 V to ±15 V
• Large Output Voltage Swing…
0 V to 3.5 V (Min) (VCC = 5 V)
• Low Supply Current…500 µA (Typ)
• Low Input Bias Current…20 nA (Typ)
• Stable With High Capacitive Loads
The TS321 is a bipolar operational amplifier for cost-sensitive applications in which space savings are important.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
Tube of 75
TS321ID
SOIC – D
SR321I
Reel of 2500
TS321IDR
–40°C to 125°C
Reel of 3000
TS321IDBVR
SOT-23-5 – DBV
9C1_
Reel of 250
TS321IDBVT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
DBV: The actual top-side marking has one additional character that designates the assembly/test site.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS321IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS321IDR TI-TS321IDR Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDR TI1-TS321IDR Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
TS321IDRE4 TI-TS321IDRE4 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - TS321IDR

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
Low Power Single Operational Amplifier
Dec-2005
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
Low Power Single Operational Amplifier
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com