Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1106 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1106 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB1106 Datasheet HTML 2Page - Texas Instruments TUSB1106 Datasheet HTML 3Page - Texas Instruments TUSB1106 Datasheet HTML 4Page - Texas Instruments TUSB1106 Datasheet HTML 5Page - Texas Instruments TUSB1106 Datasheet HTML 6Page - Texas Instruments TUSB1106 Datasheet HTML 7Page - Texas Instruments TUSB1106 Datasheet HTML 8Page - Texas Instruments TUSB1106 Datasheet HTML 9Page - Texas Instruments TUSB1106 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.ti.com
Power-Supply Configurations
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818D – MAY 2006 – REVISED FEBRUARY 2008
Receiving Function (Pin OE = H)
DATA STATE
D+, D–
RCV
VP(1)
VM(1)
LOW
FULL
SPEED
SPEED
Differential
L
L
H
J
K
logic 0
Differential
H
H
L
K
J
logic 1
SE0
RCV*(2)
L
L
X
X
(1)
VP = VM = H indicates the sharing mode (VCC(5.0) and Vreg(3.3) are
disconnected).
(2)
RCV* denotes the signal level on output RCV just before SE0 state
occurs. This level is stable during the SE0 period.
The TUSB1105/1106 can be used with different power-supply configurations, which can be dynamically changed.
An overview is given in Table 2.
• Normal mode – Both V
CC(I/O) and VCC(5.0) or (VCC(5.0) and Vreg(3.3)) are connected. For 5-V operation, VCC(5.0) is
connected to a 5-V source (4 V to 5.5 V). The internal voltage regulator then produces 3.3 V for the USB
connections. For 3.3-V operation, both VCC(5.0) and Vreg(3.3) are connected to a 3.3-V source (3 V to 3.6 V).
VCC(I/O) is independently connected to a voltage source (1.65 V to 3.6 V), depending on the supply voltage of
the external circuit.
• Disable mode – V
CC(I/O) is not connected, VCC(5.0) or (VCC(5.0) and Vreg(3.3)) are connected. In this mode, the
internal circuits of the TUSB1105 and TUSB1106 ensure that the D+ and D– pins are in 3-state and the
power consumption drops to the low-power (suspended) state level. Some hysteresis is built into the
detection of VCC(I/O) lost.
• Sharing mode – V
CC(I/O) is connected, (VCC(5.0) and Vreg(3.3)) are not connected. In this mode, the D+ and D–
pins are made 3-state and the TUSB1105 and TUSB1106 allow external signals of up to 3.6 V to share the
D+ and D– lines. The internal circuits of the TUSB1105 and TUSB1106 ensure that virtually no current
(maximum 10
µA) is drawn via the D+ and D– lines. The power consumption through V
CC(I/O) drops to the
low-power (suspended) state level. Both the VP and VM pins are driven HIGH to indicate this mode. Pin RCV
is made LOW. Some hysteresis is built into the detection of Vreg(3.3) lost.
Table 1. Pin States in Disable or Sharing Mode
PINS
DISABLE-MODE STATE
SHARING-MODE STATE
VCC(5.0)/Vreg(3.3)
5-V input/3.3-V output, 3.3-V input/3.3-V input
Not present
VCC(I/O)
Not present
1.65-V to 3.6-V input
Vpu(3.3)
High impedance (off)
High impedance (off)
D+, D–
High impedance
High impedance
VP, VM
Invalid(1)
H
RCV
Invalid(1)
L
Inputs (VO/VPO, FSE0/VMO, SPEED,
High impedance
High impedance
MODE(2), SUSPND, OE, SOFTCON)
(1)
High impedance or driven LOW
(2)
TUSB1105 only
Table 2. Power-Supply Configuration Overview
VCC(5.0) or Vreg(3.3)
VCC(I/O)
CONFIGURATION
SPECIAL CHARACTERISTICS
Connected
Connected
Normal mode
D+, D–, and Vpu(3.3) are in high impedance.
Connected
Not connected
Disable mode
VP, VM, and RCV are invalid.(1)
D+, D–, and Vpu(3.3) are in high impedance.
Not connected
Connected
Sharing mode
VP and VM are driven HIGH. RCV is driven LOW.
(1)
High impedance or driven LOW
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TUSB1105 TUSB1106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com