Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 39 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB3210_1 Datasheet HTML 35Page - Texas Instruments TUSB3210_1 Datasheet HTML 36Page - Texas Instruments TUSB3210_1 Datasheet HTML 37Page - Texas Instruments TUSB3210_1 Datasheet HTML 38Page - Texas Instruments TUSB3210_1 Datasheet HTML 39Page - Texas Instruments TUSB3210_1 Datasheet HTML 40Page - Texas Instruments TUSB3210_1 Datasheet HTML 41Page - Texas Instruments TUSB3210_1 Datasheet HTML 42Page - Texas Instruments TUSB3210_1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
www.ti.com
3
Specifications
3.1
Absolute Maximum Ratings
(1)
3.2
Commercial Operating Conditions
3.3
Electrical Characteristics
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4
V
VI
Input voltage
–0.5
VCC + 0.5
V
VO
Output voltage
–0.5
VCC + 0.5
V
IIK
Input clamp current
±20
mA
IOK
Output clamp current
±20
mA
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
TA
Operating temperature
0
70
°C
TA = 25°C, VCC = 3.3 V ± 0.3 V, GND = 0 V
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA
VCC – 0.5
V
VOL
Low-level output voltage
IOL = 4 mA
0.5
V
VIT+
Positive input threshold voltage
VI = VIH
2
V
VIT–
Negative input threshold voltage
VI = VIL
0.8
V
Vhys
Hysteresis (VIT+ – VIT–)
VI = VIH
1
V
IIH
High-level input current
VI = VIH
±1
μA
IIL
Low-level input current
VI = VIL
±1
μA
IOZ
Output leakage current (Hi-Z)
VI = VCC or VSS
10
μA
CI
Input capacitance
5
pF
CO
Output capacitance
7
pF
ICC
Quiescent
25
45
mA
ICCx
Suspend
45
μA
ICCx1.8
Suspend 1.8 VDD
1
μA
Submit Documentation Feedback
Specifications
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com