Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9260 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9260
Description  USB 3.0 TO SATA BRIDGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB9260 Datasheet HTML 9Page - Texas Instruments TUSB9260 Datasheet HTML 10Page - Texas Instruments TUSB9260 Datasheet HTML 11Page - Texas Instruments TUSB9260 Datasheet HTML 12Page - Texas Instruments TUSB9260 Datasheet HTML 13Page - Texas Instruments TUSB9260 Datasheet HTML 14Page - Texas Instruments TUSB9260 Datasheet HTML 15Page - Texas Instruments TUSB9260 Datasheet HTML 16Page - Texas Instruments TUSB9260 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TUSB9260
www.ti.com
SLLS962C – DECEMBER 2009 – REVISED JULY 2010
Table 4-6. JTAG, GPIO, and PWM Signals
TERMINAL
I/O
DESCRIPTION
PIN
NAME
NO.
I
JTAG_TCK
25
JTAG test clock
PD
I
JTAG_TDI
26
JTAG test data in
PU
O
JTAG_TDO
27
JTAG test data out
PD
I
JTAG_TMS
28
JTAG test mode select
PU
I
JTAG_TRSTz
29
JTAG test reset
PD
I/O
GPIO/UART transmitter. This terminal can be configured as a GPIO or as the transmitter for a
GPIO9/UART_TX
6
PU
UART channel. This pin defaults to a general purpose output.
I/O
GPIO/UART receiver. This terminal can be configured as a GPIO or as the receiver for a UART
GPIO8/UART_RX
5
PU
channel. This pin defaults to a general purpose output.
I/O
GPIO7
16
PD
I/O
GPIO6
15
PD
I/O
GPIO5
14
PD
I/O
GPIO4
13
PD
Configurable as general purpose input/outputs
I/O
GPIO3
11
PD
I/O
GPIO2
10
PD
I/O
GPIO1
9
PD
I/O
GPIO0
8
PD
O
PWM0
2
PD(1)
Pulse Width Modulation (PWM). Can be used to drive status LED's.
O
PWM1
3
PD(1)
(1)
PWM pull down resistors are disabled by default. A firmware modification is required to turn them on. All other internal pull up/down
resistors are enabled by default.
Copyright © 2009–2010, Texas Instruments Incorporated
SIGNAL DESCRIPTIONS
13
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com