Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVM5 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HVM5
Description  HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HVM5 Datasheet(HTML) 1 Page - Rectron Semiconductor

  HVM5 Datasheet HTML 1Page - Rectron Semiconductor HVM5 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Isolated case
* Surge overload rating - 50 amperes peak
* Mounting position: Any
* Low forward voltage drop
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
HVM5
THRU
HVM16
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
HIGH VOLTAGE ASSEMBLIED RECTIFIER
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES:
HVM
Dimensions in inches and (millimeters)
1998-8
2. Operating and Storage Temperature : -20
oC to +135oC
1. Enough heat sink must be considered in application.
3. Suffix “ L “ for Wire type.
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
K Volts
K Volts
mAmps
350
50
-20 to + 135
0 C
UNITS
Maximum Average Forward Rectified Current at TA = 50
oC
K Volts
Amps
HVM5
HVM10
HVM12
HVM8
HVM14
HVM15
HVM16
510
12
8
141516
510
12
8
141516
3.5
7.0
8.4
5.6
9.8
10.5
11.2
at Rated DC Blocking Voltage
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
14.0
uAmps
Maximum Instantaneous Forward Voltage at 0.35A DC
Volts
5.0
Maximum DC Reverse Current
HVM5
HVM10
HVM12
HVM8
HVM14
HVM15
HVM16
8.0
14.0
Back


Similar Part No. - HVM5

ManufacturerPart #DatasheetDescription
logo
Dc Components
HVM5 DCCOM-HVM5 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Leshan Radio Company
HVM5 LRC-HVM5 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
MIC GROUP RECTIFIERS
HVM5 MIC-HVM5 Datasheet
87Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
HVM5 CHONGQING-HVM5 Datasheet
40Kb / 1P
HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Leshan Radio Company
HVM5 LRC-HVM5 Datasheet
284Kb / 8P
Controlled avalanche characteristic combined Low forward voltage drop
More results

Similar Description - HVM5

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVM20 RECTRON-HVM20 Datasheet
15Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE 20000 Volts CURRENT 0.35 Amperes)
HVP5 RECTRON-HVP5 Datasheet
23Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
R2500 RECTRON-R2500 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
WILLAS ELECTRONIC CORP
R2500F WILLAS-R2500F Datasheet
454Kb / 2P
VOLTAGE RANGE 2500 to 5000 volts CURRENT 0.2 Ampere
R2500 WILLAS-R2500 Datasheet
392Kb / 2P
VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere
logo
Rectron Semiconductor
HVM5 RECTRON-HVM5_13 Datasheet
231Kb / 4P
HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
HVM5L RECTRON-HVM5L Datasheet
234Kb / 4P
HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
HVM30L RECTRON-HVM30L Datasheet
754Kb / 3P
HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 30000 Volts CURRENT 30 mAmperes
HER2006C RECTRON-HER2006C Datasheet
118Kb / 5P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 20.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com