Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1877285-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1877285-2
Description  AMP Economy Power (EP) Shrouded Post Headers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1877285-2 Datasheet(HTML) 2 Page - Tyco Electronics

  1877285-2 Datasheet HTML 1Page - Tyco Electronics 1877285-2 Datasheet HTML 2Page - Tyco Electronics 1877285-2 Datasheet HTML 3Page - Tyco Electronics 1877285-2 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMP Economy
Power (EP)
Shrouded Post
Headers
DESCRIPTION
An extension of the current EP product offering
Wire-to-board application
0.156 [3.96] centerline system
Provides a complete shrouded header for better mating alignment
Mates with current EP and EPII plug housings with receptacle contacts
Positive audible latch
APPLICATIONS
Household Appliances
HVAC
Gasoline Pumps
Coin Changers/Vending Machines
Industrial Machinery
ELECTRICAL
Voltage rating: 250 VAC
Current rating: 7.5 amp max. (2 to 12 pos.)
Dielectric withstanding voltage: 1.5kV AC min.
MECHANICAL
Operating temperature -13ºF to +221ºF (-25ºC to +105ºC)
MATERIALS
Housing: PBT glass filled UL 94V-O
Contact: Brass, Finish: 1.0 µm tin over 0.8 µm nickel
STANDARDS & SPECIFICATIONS
Meets existing EP Product Specifications: 108-5609
UL File E28476
CSA LR7189
Application Specification - 114-1021
KEY FEATURES
• Fully shrouded header
helps to eliminate
mismatings
• 2 -12 position vertical
headers
• Mates with existing EP
and EPII plug housings
with receptacle contacts
• RoHS compliant
Tyco Electronics I AMP Economy Power (EP)
Shrouded Post Headers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com