Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0805-R18K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM0805-R18K-RC
Description  High Q Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM0805-R18K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM0805-R18K-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.5
(.020)
1.3 ± 0.2
(.051 ± .008)
1.5 ± 0.2
(.059 ± .008)
1.78
(.070)
REF.
REF.
REF.
REF.
0.5
(.020)
2.1 ± 0.2
(.083 ± .008)
0.5
(.020)
0.76
(.030)
1.02
(.040)
1.02
(.040)
Features
■
Formerly
model
■
0805 size
■
Available in E12 series
■
High Q up to 60 typ.
■
High operating temperature of 125 °C
■
Lead Free
■
RoHS compliant*
Applications
■
Mobile phones
■
Cellular phones
■
CTV, VCR, HIC, FDD
PM0805 Series - High Q Chip Inductors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
General Specifications
Temperature Rise
................. 40 ˚C max. at rated current
Operating Temperature
............................... -40 °C to +125 °C
Storage Temperature
............................... -40 °C to +125 °C
Reflow Soldering .. 230 °C, 50 sec. max.
Resistance to Soldering Heat
...............................260 ˚C, 5 seconds
Materials
Core Material ....... Alumina (1CC201211)
Wire .......Enamelled Copper (1W1E180)
Terminal .......................... Mo/Mn+Ni+Au
Packaging................. 2,000 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
J.W.Miller
Inductance
Test Frequency (MHz)
SRF
I rms
Q
Min.
RDC
Max.
Bourns Part No.
nH
Tol. %
Min.
L
Q
(MHz)
(Ω)
(mA)
PM0805-2N8M-RC
2.8
±20
32
250
1000
6000
0.06
800
PM0805-3N3M-RC
3.3
±20
30
250
1500
6000
0.08
600
PM0805-5N6M-RC
5.6
±20
60
250
1000
5800
0.08
600
PM0805-6N8M-RC
6.8
±20
60
250
1000
5800
0.06
600
PM0805-8N2M-RC
8.2
±20
60
250
1000
5500
0.06
600
PM0805-10NM-RC
10
±20
60
250
500
4800
0.08
600
PM0805-12NM-RC
12
±20
60
250
500
4100
0.08
600
PM0805-15NM-RC
15
±20
60
250
500
3600
0.08
600
PM0805-18NM-RC
18
±20
60
250
500
3400
0.08
600
PM0805-22NM-RC
22
±20
60
250
500
3300
0.10
600
PM0805-27NM-RC
27
±20
60
250
500
2600
0.12
600
PM0805-33NM-RC
33
±20
60
250
500
2400
0.15
500
PM0805-39NM-RC
39
±20
60
250
500
2100
0.18
500
PM0805-47NM-RC
47
±20
60
200
500
1700
0.15
500
PM0805-56NK-RC
56
±10
60
200
500
1600
0.25
500
PM0805-68NK-RC
68
±10
60
200
500
1450
0.27
500
PM0805-82NK-RC
82
±10
60
150
500
1350
0.32
500
PM0805-R10K-RC
100
±10
60
150
500
1200
0.43
400
PM0805-R12K-RC
120
±10
50
150
250
1100
0.48
400
PM0805-R15K-RC
150
±10
50
100
250
950
0.67
400
PM0805-R18K-RC
180
±10
50
100
250
900
0.85
350
PM0805-R22K-RC
220
±10
50
100
250
860
1.10
300
PM0805-R27K-RC
270
±10
45
100
250
850
1.46
250
PM0805-R33K-RC
330
±10
45
100
250
800
1.65
200
PM0805-R39K-RC
390
±10
45
100
250
780
2.20
170
PM0805-R56K-RC
560
±10
23
50
50
340
1.90
230
Packaging Specifications
EMBOSSED
CARRIER
EMBOSSED
CAVITY
8.0
(.315)
0.10
(.004)
THICKNESS
MAX.
10.0
(.393)
12.5
(.492)
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
REV. 10/08


Similar Part No. - PM0805-R18K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM0805-R18K-RC BOURNS-PM0805-R18K-RC Datasheet
282Kb / 1P
High Q Chip Inductors
More results

Similar Description - PM0805-R18K-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
High Q Chip Inductors
logo
Bourns Electronic Solut...
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
High Q Chip Inductors
PM1008 BOURNS-PM1008 Datasheet
230Kb / 1P
High Q Chip Inductors
CW160808 BOURNS-CW160808_13 Datasheet
184Kb / 2P
High Q Chip Inductors
CW201212 BOURNS-CW201212_11 Datasheet
86Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016_11 Datasheet
79Kb / 1P
High Q Chip Inductors
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
High Q Chip Inductors
PM0805-2N8M-RC BOURNS-PM0805-2N8M-RC Datasheet
282Kb / 1P
High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
High Q Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com