Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM1812-R12K-RC Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PM1812-R12K-RC
Description  SMT Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM1812-R12K-RC Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PM1812-R12K-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM1812-R12K-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM1812-R12K-RC Datasheet HTML 3Page - Bourns Electronic Solutions PM1812-R12K-RC Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PM1210 & PM1812 Series SMT Chip Inductors
PM1812 Series
REV. 07/10
RoHS Compliant
1812 Size
Part Number
Inductance
µH
Tolerance
Q
min.
Test Freq.
MHz
SRF min.
MHz
RDC
ohms max.
IDC
mA max.
PM1812-R10K-RC
0.10
±10 %
35
25.2
300
0.18
800
PM1812-R12K-RC
0.12
±10 %
35
25.2
280
0.2
770
PM1812-R15K-RC
0.15
±10 %
35
25.2
250
0.22
730
PM1812-R18K-RC
0.18
±10 %
35
25.2
220
0.24
700
PM1812-R22K-RC
0.22
±10 %
40
25.2
200
0.25
665
PM1812-R27K-RC
0.27
±10 %
40
25.2
180
0.26
635
PM1812-R33K-RC
0.33
±10 %
40
25.2
165
0.28
605
PM1812-R39K-RC
0.39
±10 %
40
25.2
150
0.30
575
PM1812-R47K-RC
0.47
±10 %
40
25.2
145
0.32
545
PM1812-R56K-RC
0.56
±10 %
40
25.2
140
0.36
520
PM1812-R68K-RC
0.68
±10 %
40
25.2
135
0.40
500
PM1812-R82K-RC
0.82
±10 %
40
25.2
130
0.45
475
PM1812-1R0J-RC
1.0
±5 %
50
7.96
100
0.50
450
PM1812-1R2J-RC
1.2
±5 %
50
7.96
80
0.55
430
PM1812-1R5J-RC
1.5
±5 %
50
7.96
70
0.60
410
PM1812-1R8J-RC
1.8
±5 %
50
7.96
60
0.65
390
PM1812-2R2J-RC
2.2
±5 %
50
7.96
55
0.70
380
PM1812-2R7J-RC
2.7
±5 %
50
7.96
50
0.75
370
PM1812-3R3J-RC
3.3
±5 %
50
7.96
45
0.80
355
PM1812-3R9J-RC
3.9
±5 %
50
7.96
40
0.90
330
PM1812-4R7J-RC
4.7
±5 %
50
7.96
35
1.00
315
PM1812-5R6J-RC
5.6
±5 %
50
7.96
33
1.10
300
PM1812-6R8J-RC
6.8
±5 %
50
7.96
27
1.2
285
PM1812-8R2J-RC
8.2
±5 %
50
7.96
25
1.4
270
PM1812-100J-RC
10
±5 %
50
2.52
20
1.6
250
PM1812-120J-RC
12
±5 %
50
2.52
18
2
225
PM1812-150J-RC
15
±5 %
50
2.52
17
2.5
200
PM1812-180J-RC
18
±5 %
50
2.52
15
2.8
190
PM1812-220J-RC
22
±5 %
50
2.52
13
3.2
180
PM1812-270J-RC
27
±5 %
50
2.52
12
3.6
170
PM1812-330J-RC
33
±5 %
50
2.52
11
4
160
PM1812-390J-RC
39
±5 %
50
2.52
10
4.5
150
PM1812-470J-RC
47
±5 %
50
2.52
10
5
140
PM1812-560J-RC
56
±5 %
50
2.52
9
5.5
135
PM1812-680J-RC
68
±5 %
50
2.52
9
6
130
PM1812-820J-RC
82
±5 %
50
2.52
8
7
120
PM1812-101J-RC
100
±5 %
40
2.52
8
8
110
PM1812-121J-RC
120
±5 %
40
0.796
6
8
110
PM1812-151J-RC
150
±5 %
40
0.796
5
9
105
PM1812-181J-RC
180
±5 %
40
0.796
5
9.5
102
PM1812-221J-RC
220
±5 %
40
0.796
4
10
100
PM1812-271J-RC
270
±5 %
40
0.796
4
12
92
PM1812-331J-RC
330
±5 %
40
0.796
3.5
14
85
PM1812-391J-RC
390
±5 %
40
0.796
3
18
80
PM1812-471J-RC
470
±5 %
40
0.796
3
26
62
PM1812-561J-RC
560
±5 %
30
0.796
3
30
50
PM1812-681J-RC
680
±5 %
30
0.796
3
30
50
PM1812-821J-RC
820
±5 %
30
0.796
2.5
35
30
PM1812-102J-RC
1000
±5 %
30
0.252
2.5
40
30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com