Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM1812-R18K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM1812-R18K-RC
Description  SMT Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM1812-R18K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM1812-R18K-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM1812-R18K-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM1812-R18K-RC Datasheet HTML 3Page - Bourns Electronic Solutions PM1812-R18K-RC Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■ Formerly
model
■ High resistance to heat and humidity
■ Resistance to mechanical shock and
pressure
■ Accurate dimensions for automatic
surface mounting
■ Wide inductance range (1.0 nH to 1000 µH)
■ RoHS compliant*
Applications
■ DC/DC converters
■ Power supplies
■ General use
PM1210 & PM1812 Series SMT Chip Inductors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
DIMENSIONS:
MM
(INCHES)
Product Dimensions
General Specifications
Temperature Rise .......................................................................................................................................................................20 ˚C max.
Ambient Temperature ................................................................................................................................................................ 80 ˚C max.
Operating Temperature................................................................................................................................................... -40 °C to +100 °C
Storage Temperature...................................................................................................................................................... -40 °C to +100 °C
Resistance to Soldering Heat
PM1210.......................................................................................................................................................................260 ˚C, 5 seconds
PM1812.......................................................................................................................................................................245 ˚C, 5 seconds
Materials
Ferrite Core
PM1210................................................................................................................................................................................................ All
PM1812................................................................................................................................................................................................ All
Coil Type.................................................................................................................................................................................. Copper wire
Enclosure.................................................................................................................................................................................. Epoxy resin
Terminal ...................................................................................................................................................................................................Sn
J.W.Miller
Model
a
b
c
PM1210
1.6 to 2.0
(.063 to .079)
4.0 to 4.6
(.157 to .181)
1.9 to 2.4
(.075 to .094)
PM1812
2.4 to 2.6
(.094 to .102)
5.5 to 6.0
(.217 to .236)
2.0 to 3.0
(.079 to .118)
Recommended Land Pattern Dimensions
a
c
b
3.2
(.126)
2.5
(.079)
1.9
(.075)
2.2
(.086)
0.6
(.024)
Marking
4.5
(.177)
3.2
(.125)
Marking
1.2
(.047)
1.7
± 0.2
(.066
± .008)
3.2
± 0.2
(.125
± .008)
1.0
(.039)
1.0
(.039)
PM1210
PM1812


Similar Part No. - PM1812-R18K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM1812-R18K-RC BOURNS-PM1812-R18K-RC Datasheet
263Kb / 4P
SMT Chip Inductors
More results

Similar Description - PM1812-R18K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
SMT Chip Inductors
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
SMT Chip Inductors
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
SMT Chip Inductors
5406 SUMIDA-5406 Datasheet
1Mb / 8P
SMT Chip Inductors
5403 SUMIDA-5403 Datasheet
1Mb / 8P
SMT Chip Inductors
5309 SUMIDA-5309 Datasheet
1Mb / 10P
SMT Chip Inductors
5308 SUMIDA-5308 Datasheet
1Mb / 5P
E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com