Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJS3157NT2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTJS3157NT2
Description  Trench Power MOSFET 20 V, 4.0 A, Single N?묬hannel, SC??8
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS3157NT2 Datasheet(HTML) 2 Page - ON Semiconductor

  NTJS3157NT2 Datasheet HTML 1Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 2Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 3Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 4Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 5Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTJS3157N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
20
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
VGS = 0 V, ID = 250 mA
12
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 16 V
TJ = 25°C
1.0
mA
TJ = 85°C
5.0
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8.0 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.40
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
−4.0
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 4.0 A
45
60
mW
VGS = 2.5 V, ID = 3.6 A
55
70
VGS = 1.8 V, ID = 2.0 A
70
85
Forward Transconductance
gFS
VGS = 10 V, ID = 3.2 A
9.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 10 V
500
pF
Output Capacitance
COSS
75
Reverse Transfer Capacitance
CRSS
60
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 10 V,
ID = 3.2 A
6.9
15
nC
Gate−to−Source Charge
QGS
1.0
Gate−to−Drain Charge
QGD
1.8
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDD = 10 V,
ID = 0.5 A, RG = 6.0 W
6.0
15
ns
Rise Time
tr
12
25
Turn−Off Delay Time
td(off)
21
45
Fall Time
tf
11
25
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS =0 V,
IS = 1.6 A
TJ = 25°C
0.7
1.0
V
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 1.6 A
15
ns
Charge Time
Ta
12
Discharge Time
Tb
3.0
Reverse Recovery Charge
QRR
5.0
nC
2. Pulse Test: pulse width ≤ 300 ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com