Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4837NHT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4837NHT3G
Description  Power MOSFET 30 V, 75 A, Single N?묬hannel, SO??FL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4837NHT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4837NHT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4837NHT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4837NHT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4837NHT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4837NHT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4837NHT3G Datasheet HTML 6Page - ON Semiconductor NTMFS4837NHT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4837NH
http://onsemi.com
4
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
01
2
3
45
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 3.2 V
3.8 V
4.0 V
4.2 V
4.4 V to 5.0 V
3.6 V
3.4 V
TJ = 25°C
7 V to 10 V
0
10
20
30
40
50
60
70
80
12
34
56
7
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
TJ = 25°C
TJ = −55°C
TJ = 125°C
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.010
0.011
0.012
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
11
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID = 30 A
TJ = 25°C
0.001
0.0015
0.002
0.0025
0.003
0.0035
0.004
0.0045
0.005
0.0055
0.006
0.0065
0.007
0.0075
0.008
0.0085
0.009
0.0095
0.01
10 15 20 25 30 35 40 45 50
VGS = 11.5 V
VGS = 4.5 V
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
0.6
0.8
1.0
1.2
1.4
1.6
−50 −30 −10 0
20
40
60 80 100 120
160
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 30 A
VGS = 10 V
0.1
1
10
100
1000
10000
5
1015202530
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 0 V
TJ = 150°C
TJ = 125°C
TJ = 25°C
55 60 65 70 75 80 85
TJ = 25°C
0.7
0.9
1.1
1.3
1.5
1.7
90
100
140



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com