Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4841NHT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4841NHT3G
Description  Power MOSFET 30 V, 59 A, Single N?묬hannel, SO??FL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4841NHT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4841NHT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4841NHT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4841NHT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4841NHT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4841NHT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4841NHT3G Datasheet HTML 6Page - ON Semiconductor NTMFS4841NHT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4841NH
http://onsemi.com
4
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
012
3456
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 3.2 V
3.8 V
4.0 V
4.2 V
4.4 V
3.6 V
3.4 V
TJ = 25°C
4.6 V
4.8 V
5.0 V
7.0 V
10 V
0
10
20
30
40
50
60
70
80
90
12
34
5
6
7
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
TC = 25°C
TC = −55°C
TC = 125°C
0.004
0.005
0.006
0.007
0.008
0.009
0.010
0.011
0.012
0.013
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
11
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID = 30 A
TJ = 25°C
0.002
0.0025
0.003
0.0035
0.004
0.0045
0.005
0.0055
0.006
0.0065
0.007
0.0075
0.008
0.0085
0.009
0.0095
0.01
0.0105
0.011
0.0115
0.012
10
15
20
25
30
35
40
45
50
55
VGS = 11.5 V
VGS = 4.5 V
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
TJ = 25°C
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
−55 −35 −15
5
25 45
65 85
145
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 30 A
VGS = 10 V
105
105
0.1
1
10
100
1000
10000
5
1015
2025
30
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 0 V
TJ = 150°C
TJ = 125°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com