Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4898NF Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4898NF
Description  Power MOSFET 30 V, 117 A, Single N?묬hannel, SO??FL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4898NF Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4898NF Datasheet HTML 1Page - ON Semiconductor NTMFS4898NF Datasheet HTML 2Page - ON Semiconductor NTMFS4898NF Datasheet HTML 3Page - ON Semiconductor NTMFS4898NF Datasheet HTML 4Page - ON Semiconductor NTMFS4898NF Datasheet HTML 5Page - ON Semiconductor NTMFS4898NF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTMFS4898NF
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
1.7
°C/W
Junction−to−Ambient – Steady State (Note 1)
RqJA
46
Junction−to−Ambient – Steady State (Note 2)
RqJA
134.2
Junction−to−Ambient − t v 10 sec
RqJA
17.3
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 1.0 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
26
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25 °C
40
500
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 1.0 mA
1.5
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
4
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 30 A
2.2
3.0
mW
ID = 15 A
2.2
VGS = 4.5 V
ID = 30 A
3.4
4.8
ID = 15 A
3.4
Forward Transconductance
gFS
VDS = 1.5 V, ID = 15 A
77
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 12 V
3233
pF
Output Capacitance
COSS
700
Reverse Transfer Capacitance
CRSS
310
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 30 A
24.5
nC
Threshold Gate Charge
QG(TH)
3.2
Gate−to−Source Charge
QGS
10
Gate−to−Drain Charge
QGD
9
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 15 V,
ID = 30 A
49.5
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
17.6
ns
Rise Time
tr
23
Turn−Off Delay Time
td(OFF)
28
Fall Time
tf
8.3
3. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com