Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP256 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MP256
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP256 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MP256 Datasheet HTML 1Page - Rectron Semiconductor MP256 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Superior thermal desing
* 300 amperes surge rating
* 1/4
//
universal faston terminal
* Hole thru for # 10 screw
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MP2505
THRU
MP2510
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTE: Suffix ”W” for wire type
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
MP-25
MP-25W
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
25.0
300
-55 to + 175
0 C
UNITS
Maximum Average Forward Rectified Output Current at Tc = 55
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
MP2505
MP252
MP254
MP251
MP256
MP258
MP2510
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 12.5A DC
Volts
@TA = 25
oC
@TC = 100
oC
10
MP2505
MP252
MP254
MP251
MP256
MP258
MP2510
MECHANICAL DATA


Similar Part No. - MP256

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
39Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP256 GWSEMI-MP256 Datasheet
74Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
MP256 SHUNYE-MP256 Datasheet
199Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
158Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
2.5A, 4MHz, 42V Step-Down Converter
More results

Similar Description - MP256

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
MB2505 RECTRON-MB2505_07 Datasheet
265Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
MP2505W RECTRON-MP2505W Datasheet
203Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-03 REV: C
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
RBU2501M RECTRON-RBU2501M Datasheet
286Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
2018-10/14 REV: B
RS2501MLS RECTRON-RS2501MLS Datasheet
299Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
2019-06/47 REV: O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com