Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3741 Datasheet(PDF) 5 Page - EPCOS

Part # B3741
Description  SAW filter Short range devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3741 Datasheet(HTML) 5 Page - EPCOS

  B3741 Datasheet HTML 1Page - EPCOS B3741 Datasheet HTML 2Page - EPCOS B3741 Datasheet HTML 3Page - EPCOS B3741 Datasheet HTML 4Page - EPCOS B3741 Datasheet HTML 5Page - EPCOS B3741 Datasheet HTML 6Page - EPCOS B3741 Datasheet HTML 7Page - EPCOS B3741 Datasheet HTML 8Page - EPCOS B3741 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
October 27, 2009
B3741
315.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Matching network to 50
Ω (element values depend on pcb layout and equivalent circuit)
Minimising the crosstalk
For a good ultimate rejection a low crosstalk is necessary. Low crosstalk can be realised with a good
RF layout. The major crosstalk mechanism is caused by the “ground-loop” problem.
Grounding loops are created if input-and output transducer GND are connected on the top-side of
the PCB and fed to the system grounding plane by a common via hole. To avoid the common
ground path, the ground pin of the input- and output transducer are fed to the system ground plane
(bottom PCB plane) by their own via hole. The transducers’ grounding pins should be isolated from
the upper grounding plane.
A common GND inductivity of 0.5nH degrades the ultimate rejection (crosstalk) by 20dB.
The optimised PCB layout, including matching network for transformation to 50 Ohm, is shown
here. In this PCB layout the grounding loops are minimised to realise good ultimate rejection
Optimised PCB layout for SAW filters in DCC6E package, pinning 1,4 (top side, scale 1:1)
The bottom side is a copper plane (system ground area). The input and output grounding pins are
isolated and connected to the common ground by separated via holes.
For good contact of the upper grounding area with the lower side it is necessary to place enough
via holes.
Cp1 = 1.8 pF
Ls2 = 68 nH
Ls3 = 68 nH
Cp4 = 1.8 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com