Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3768 Datasheet(PDF) 3 Page - EPCOS

Part # B3768
Description  SAW filter Short range devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3768 Datasheet(HTML) 3 Page - EPCOS

  B3768 Datasheet HTML 1Page - EPCOS B3768 Datasheet HTML 2Page - EPCOS B3768 Datasheet HTML 3Page - EPCOS B3768 Datasheet HTML 4Page - EPCOS B3768 Datasheet HTML 5Page - EPCOS B3768 Datasheet HTML 6Page - EPCOS B3768 Datasheet HTML 7Page - EPCOS B3768 Datasheet HTML 8Page - EPCOS B3768 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
January 12, 2007
B3768
313.85 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
TA = –45 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
313.85
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
including loss in matching elements
—
1.9
2.9
dB
excluding loss in matching elements
—
1.3
2.3
dB
Pass band (relative to
α
min)
313.70 ...
314.00 MHz
—
0.5
2.0
dB
313.67 ...
314.03 MHz
—
0.7
3.0
dB
313.63 ...
314.07 MHz
—
1.0
6.0
dB
Filter bandwidth
α
rel ≤ 3 dB
0.54
0.59
0.64
MHz
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
293.35 MHz
48
53
—
dB
293.35 ...
303.35 MHz
45
50
—
dB
303.35 ...
311.65 MHz
25
30
—
dB
311.65 ...
312.05 MHz
33
40
—
dB
312.05 ...
313.15 MHz
13
18
—
dB
314.55 ...
321.85 MHz
13
17
—
dB
321.85 ...
335.00 MHz
38
45
—
dB
335.00 ...
600.00 MHz
43
48
—
dB
600.00 ... 1000.00 MHz
60
70
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
340 || 2.6
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
340 || 2.6
—
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com