Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3792 Datasheet(PDF) 4 Page - EPCOS

Part # B3792
Description  SAW filter Short range devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3792 Datasheet(HTML) 4 Page - EPCOS

  B3792 Datasheet HTML 1Page - EPCOS B3792 Datasheet HTML 2Page - EPCOS B3792 Datasheet HTML 3Page - EPCOS B3792 Datasheet HTML 4Page - EPCOS B3792 Datasheet HTML 5Page - EPCOS B3792 Datasheet HTML 6Page - EPCOS B3792 Datasheet HTML 7Page - EPCOS B3792 Datasheet HTML 8Page - EPCOS B3792 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
August 27, 2007
B3792
315.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Maximum ratings
Operable temperature range T
–45/+120 ˚C
Storage temperature range
Tstg
–45/+120 ˚C
DC voltage
VDC
6
V
Source power
PS
10
dBm
source impedance 50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com