Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2084A Datasheet(PDF) 5 Page - ON Semiconductor

Part # P2084A
Description  Low Cost Frequency Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2084A Datasheet(HTML) 5 Page - ON Semiconductor

  P2084A Datasheet HTML 1Page - ON Semiconductor P2084A Datasheet HTML 2Page - ON Semiconductor P2084A Datasheet HTML 3Page - ON Semiconductor P2084A Datasheet HTML 4Page - ON Semiconductor P2084A Datasheet HTML 5Page - ON Semiconductor P2084A Datasheet HTML 6Page - ON Semiconductor P2084A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P2084A
Rev. 1 | Page 5 of 7 | www.onsemi.com
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
-40
+85
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
7
pF
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND-0.3
0.8
V
VIH
Input high voltage
2.0
VDD+0.3
V
IIL
Input low current (internal input pull-up resistor on FS0 and
FS1)
60
µA
IIH
Input high current (internal input pull-up resistor on FS0 and
FS1)
0
µA
IXOL
XOUT output low current
10
mA
IXOH
XOUT output high current
10
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.5
V
IDD
Static supply current
3
mA
ICC
Typical dynamic supply current (25pF scope probe loading)
5.2 at 3MHz
21.2 at
82MHz
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power-up time (CLOOP = 0.1µF at 16MHz, first locked cycle
after power up)
7
mS
ZOUT
Clock output impedance (at 16MHz)
28
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
3
78
MHz
P2084A
12
312
MHz
tLH
1
Output rise time (measured at 0.8V to 2.0V)
1
ns
tHL
1
Output fall time (measured at 2.0V to 0.8V)
1
ns
tJC
Jitter (cycle-to-cycle)
±200
ps
tD
Output duty cycle
45
50
55
%
Note: 1. t
LH and tHL are measured into a capacitive load of 15 pF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com