Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACDN009 Datasheet(PDF) 9 Page - ON Semiconductor

Part # PACDN009
Description  5-Channel ESD Protection Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN009 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button PACDN009 Datasheet HTML 2Page - ON Semiconductor PACDN009 Datasheet HTML 3Page - ON Semiconductor PACDN009 Datasheet HTML 4Page - ON Semiconductor PACDN009 Datasheet HTML 5Page - ON Semiconductor PACDN009 Datasheet HTML 6Page - ON Semiconductor PACDN009 Datasheet HTML 7Page - ON Semiconductor PACDN009 Datasheet HTML 8Page - ON Semiconductor PACDN009 Datasheet HTML 9Page - ON Semiconductor PACDN009 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PACDN009
Rev. 3 | Page 9 of 10 | www.onsemi.com
Mechanical Details
MSOP-8 Mechanical Specifications, 8 pin
The PACDN009 is supplied in a 8-pin MSOP package. Dimensions are presented below.
For complete information on the MSOP-8, see the California Micro Devices MSOP Package Information
document.
PACKAGE DIMENSIONS
Package
MSOP
Pins
8
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.75
0.95
0.030
0.037
A1
0.05
0.15
0.002
0.006
B
0.28
0.38
0.011
0.015
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.65 BSC
0.026 BSC
H
4.90 BSC
0.193 BSC
L
0.40
0.70
0.016
0.028
# per tape and
reel
4000 pieces
Controlling dimension: millimeters
Dimensions for MSOP-8 Package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com