Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB-U1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PACUSB-U1
Description  Upstream USB Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-U1 Datasheet(HTML) 2 Page - ON Semiconductor

  PACUSB-U1 Datasheet HTML 1Page - ON Semiconductor PACUSB-U1 Datasheet HTML 2Page - ON Semiconductor PACUSB-U1 Datasheet HTML 3Page - ON Semiconductor PACUSB-U1 Datasheet HTML 4Page - ON Semiconductor PACUSB-U1 Datasheet HTML 5Page - ON Semiconductor PACUSB-U1 Datasheet HTML 6Page - ON Semiconductor PACUSB-U1 Datasheet HTML 7Page - ON Semiconductor PACUSB-U1 Datasheet HTML 8Page - ON Semiconductor PACUSB-U1 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PACUSB-U1/U2/U3
Rev.2 | Page 2 of 9 | www.onsemi.com
D1_c
V3.3
D2_c
GND
D1_i
D2_i
Electrical Schematic
i = input
c = connector
6-pin SC70
6-pin SOT23
D1_i
GND
D2_i
D1_c
V3.3
D2_c
D1_i
GND
D2_i
D1_c
V3.3
D2_c
1
2
6
5
3
4
1
2
6
5
3
4
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
D1_i
The USB Controller side of the D+ or D- bidirectional transmission line of the
differential pair defined by USB standards.
2
GND
The ground reference for the PACUSB-U1/U2/U3 device.
3
D2_i
The USB Controller side of the D- or D+ bidirectional transmission line of the
differential pair defined by USB standards.
4
D2_c
The connector side of the D- or D+ bidirectional transmission line of the differential pair
defined by USB standards.
5
V
3.3
The 3.3V supply voltage for the PACUSB-U1/U2/U3 device.
6
D1_c
The connector side of the D+ or D- bidirectional transmission line of the differential pair
defined by USB standards.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com