Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB-U2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PACUSB-U2
Description  Upstream USB Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-U2 Datasheet(HTML) 1 Page - ON Semiconductor

  PACUSB-U2 Datasheet HTML 1Page - ON Semiconductor PACUSB-U2 Datasheet HTML 2Page - ON Semiconductor PACUSB-U2 Datasheet HTML 3Page - ON Semiconductor PACUSB-U2 Datasheet HTML 4Page - ON Semiconductor PACUSB-U2 Datasheet HTML 5Page - ON Semiconductor PACUSB-U2 Datasheet HTML 6Page - ON Semiconductor PACUSB-U2 Datasheet HTML 7Page - ON Semiconductor PACUSB-U2 Datasheet HTML 8Page - ON Semiconductor PACUSB-U2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Upstream USB Port Terminator
PACUSB-U1/U2/U3
©2010 SCILLC. All rights reserved.
Publication Order Number:
June 2010 – Rev. 2
PACUSB-U1/U2/U3/D
Features
•
One upstream USB port terminator, EMI filter and
transient overvoltage protector in a single
surface-mount package
•
Compact SC70 or SOT23 package saves board
space and lowers manufacturing costs compared
to discrete solutions
•
ESD protection to
±30kV contact discharge per
MIL-STD-883D, method 3015
•
ESD protection to
±15kV contact discharge per
IEC 61000-4-2 international standard
•
Lead-free version available
Applications
•
ESD protection and termination of USB port
•
All USB peripherals (PC printers, scanners,
zip drives, etc.)
•
PDAs / handheld PCs
•
Digital cameras
•
Wireless Handets
•
MP3 Players
•
Cable Modems
Product Description
The PACUSB-U1, PACUSB-U2, and PACUSB-U3
are single-channel USB upstream-port termination
networks.
The PACUSB-U1/U2/U3 integrate EMI/RFI filter
components R1 and C1, as recommended by the
USB specification. Because these are upstream USB
devices, they are terminated with a single 1.5kW pull-
up resistor to V
3.3 (R2).
There are three options for the value of the series
resistor R1:
•
For PACUSB-U1, R1=15
Ω
•
For PACUSB-U2, R1=33
Ω
•
For PACUSB-U3, R1=22
Ω
This series resistance plus the USB driver output
resistance must be close to the USB cable’s
characteristic impedance of 45
Ω (90Ω balanced) to
minimize transmission line reflections.
In addition, these parts provide a very high level of
protection for sensitive electronic components that
may be subjected to electrostatic discharge (ESD).
The input and output pins are designed and
characterized to dissipate ESD strikes of ±15kV
safely,
a
level
well
beyond
the
maximum
requirements of the IEC 61000-4-2 international
standard.
Using
the
MIL-STD-883D
(Method
3015)
specification for Human Body Model (HBM) ESD, all
pins are protected for contact discharges to greater
than ±30kV.
The PACUSB-U1/U2/U3 is housed in either a 6-pin
SC70 or 6-pin SOT23 package and is available with
optional lead-free finishing.


Similar Part No. - PACUSB-U2

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSB-U2 CALMIRCO-PACUSB-U2 Datasheet
118Kb / 7P
Upstream USB Port Terminator
PACUSB-U2R CALMIRCO-PACUSB-U2R Datasheet
118Kb / 7P
Upstream USB Port Terminator
logo
ON Semiconductor
PACUSB-U2R ONSEMI-PACUSB-U2R Datasheet
116Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSB-U2R ONSEMI-PACUSB-U2R Datasheet
115Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U2Y6 CALMIRCO-PACUSB-U2Y6 Datasheet
118Kb / 7P
Upstream USB Port Terminator
More results

Similar Description - PACUSB-U2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
logo
Littelfuse
SPUSB1AJT LITTELFUSE-SPUSB1AJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
Upstream USB Port Terminator
logo
ON Semiconductor
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2030XV6 ONSEMI-NUF2030XV6 Datasheet
56Kb / 6P
USB Upstream Terminator with ESD Protection
July, 2005 ??Rev. 2
NUF2221W1T2 ONSEMI-NUF2221W1T2_05 Datasheet
60Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2005 ??Rev. 2
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
logo
Semtech Corporation
STF203-15 SEMTECH-STF203-15 Datasheet
174Kb / 6P
USB Upstream Port Filter and TVS
logo
ON Semiconductor
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com