Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1601CS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RL1601CS
Description  GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RL1601CS Datasheet(HTML) 1 Page - Rectron Semiconductor

  RL1601CS Datasheet HTML 1Page - Rectron Semiconductor RL1601CS Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low power loss, high efficiency
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High surge capability
* High reliability
MECHANICAL DATA
* Case: D2PAK molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.2 grams
* Polarity: As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RL1601CS
THRU
RL1606CS
D2PAK
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1.Case Temperature Measured at Metal Tab.
2.Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
3.Suffix “ A “ = Common Anode.
2001-4
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
TC = 100
oC (Note 1)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
16.0
3.0
40
-65 to + 150
Amps
pF
0 C
UNITS
50
200
400
600
100
RL1601CS
Typical Thermal Resistance
R
θ JC
200
RL1602CS RL1603CS RL1604CS RL1605CS RL1606CS
800
50
200
400
600
100
800
35
140
280
420
70
560
0C/ W
at Rated DC Blocking Voltage
100
uAmps
Maximum DC Reverse Current
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
10
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
@TC = 25
oC
@TC = 100
oC
RL1601CS RL1602CS RL1603CS RL1604CS RL1605CS RL1606CS
.401 (10.19)
.399 (10.13)
.185 (4.70)
.177 (4.50)
.051 (1.29)
.049 (1.25)
.015 (0.381)
.052 (1.32)
.048 (1.22)
.200 (5.08)
.032 (0.81)


Similar Part No. - RL1601CS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL1601C RECTRON-RL1601C Datasheet
26Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 16 Amperes)
logo
SEMTECH ELECTRONICS LTD...
RL1601CT SEMTECH_ELEC-RL1601CT Datasheet
262Kb / 2P
GLASS PASSIVATED SILICON RECTIFIERS
logo
Nantong Hornby Electron...
RL1601CT HORNBY-RL1601CT Datasheet
264Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - RL1601CS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR801 RECTRON-FR801 Datasheet
25Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
FR801S RECTRON-FR801S Datasheet
23Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
RL1601C RECTRON-RL1601C Datasheet
26Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 16 Amperes)
RL801 RECTRON-RL801 Datasheet
25Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
RL801S RECTRON-RL801S Datasheet
24Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
SF161A RECTRON-SF161A Datasheet
26Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes)
FM806C RECTRON-FM806C Datasheet
307Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 800 Volts CURRENT 8.0 Amperes
IRL1601C RECTRON-IRL1601C Datasheet
29Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes
RL801K RECTRON-RL801K Datasheet
189Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
SF161S RECTRON-SF161S Datasheet
198Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com