Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB-U2Y6 Datasheet(PDF) 3 Page - ON Semiconductor

Part # PACUSB-U2Y6
Description  Upstream USB Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-U2Y6 Datasheet(HTML) 3 Page - ON Semiconductor

  PACUSB-U2Y6 Datasheet HTML 1Page - ON Semiconductor PACUSB-U2Y6 Datasheet HTML 2Page - ON Semiconductor PACUSB-U2Y6 Datasheet HTML 3Page - ON Semiconductor PACUSB-U2Y6 Datasheet HTML 4Page - ON Semiconductor PACUSB-U2Y6 Datasheet HTML 5Page - ON Semiconductor PACUSB-U2Y6 Datasheet HTML 6Page - ON Semiconductor PACUSB-U2Y6 Datasheet HTML 7Page - ON Semiconductor PACUSB-U2Y6 Datasheet HTML 8Page - ON Semiconductor PACUSB-U2Y6 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PACUSB-U1/U2/U3
Rev. 2 | Page 3 of 9 | www.onsemi.com
Ordering Information
PART NUMBERING INFORMATION
Standard FInish
Lead-free Finish
R1 Value (
Ω)
Pins
Package
Ordering Part
Number
1
Part Marking
Ordering Part
Number
1
Part Marking
15
6
SC70-6
PACUSB-U1
UU1
PACUSB-U1R
U1R
15
6
SOT23-6
PACUSB-U1Y6
UU1Y
PACUSB-U1Y6R
U1YR
33
6
SC70-6
PACUSB-U2
UU2
PACUSB-U2R
U2R
33
6
SOT23-6
PACUSB-U2Y6
UU2Y
PACUSB-U2Y6R
U2YR
22
6
SC70-6
PACUSB-U3
UU3
PACUSB-U3R
U3R
22
6
SOT23-6
PACUSB-U3Y6
UU3Y
PACUSB-U3Y6R
U3YR
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
V
3.3 (Supply Voltage)
5.5
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
DC Power to Resistor
100
mW
Package Power
200
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
V
3.3 (Supply Voltage)
3.3
V
Ambient Operating Temperature
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com