Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB-U1R Datasheet(PDF) 4 Page - ON Semiconductor

Part # PACUSB-U1R
Description  Upstream USB Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-U1R Datasheet(HTML) 4 Page - ON Semiconductor

  PACUSB-U1R Datasheet HTML 1Page - ON Semiconductor PACUSB-U1R Datasheet HTML 2Page - ON Semiconductor PACUSB-U1R Datasheet HTML 3Page - ON Semiconductor PACUSB-U1R Datasheet HTML 4Page - ON Semiconductor PACUSB-U1R Datasheet HTML 5Page - ON Semiconductor PACUSB-U1R Datasheet HTML 6Page - ON Semiconductor PACUSB-U1R Datasheet HTML 7Page - ON Semiconductor PACUSB-U1R Datasheet HTML 8Page - ON Semiconductor PACUSB-U1R Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PACUSB-U1/U2/U3
Rev.2 | Page 4 of 9 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R1
Resistance R1 (PACUSB-U1 only)
Measured at T
A = 25°C
12
15
18
Ω
R1
Resistance R1 (PACUSB-U2 only)
Measured at T
A = 25°C
26
33
40
Ω
R1
Resistance R1 (PACUSB-U3 only)
Measured at T
A = 25°C
18
22
26
Ω
R2
Resistance R2
Measured at T
A = 25°C
1.2
1.5
1.8
k
Ω
C1
Capacitance C1
Measured at 1 MHz, 2.5VDC,
T
A =25°C
38
47
56
pF
I
LEAK
Diode Leakage Current to GND
At 3.3VDC and T
A = 25°C
1
100
nA
V
D1
Diode Reverse-biased Stand-off
Voltage
I = 10
μA,T
A = 25°C
5.5
V
V
D2
Signal Clamp Voltage
Positive Clamp
Negative Clamp
@ 10mA, T
A = 25°C
@ 10mA, T
A = 25°C
5.6
-1.2
6.8
-0.8
8.0
-0.4
V
V
V
ESD
In-system ESD Withstand Voltage
Human Body Model, MIL-STD-
883,
Method 3015
IEC 61000-4-2, contact discharge
method (I/O pins)
IEC 61000-4-2, contact discharge
method (V
3.3 pin)
Note 1
Note 1
Note 1
±30
±15
±25
kV
kV
kV
V
CLAMP
Clamping Voltage during ESD
Discharge
Positive
Negative
MIL-STD-883, Method 3015, 8kV;
Note 1
10
-5
V
V
Note 1: ESD applied to input/output/V
3.3 pins with respect to GND, one at a time. Clamping voltage is measured at the opposite
side of the EMI filter to the ESD pin (i.e., if ESD is applied to pin 1, then clamping voltage is measured at pin 6). Unused
pins are open.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com