Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB-D3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # PACUSBVB-D3
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBVB-D3 Datasheet(HTML) 4 Page - ON Semiconductor

  PACUSBVB-D3 Datasheet HTML 1Page - ON Semiconductor PACUSBVB-D3 Datasheet HTML 2Page - ON Semiconductor PACUSBVB-D3 Datasheet HTML 3Page - ON Semiconductor PACUSBVB-D3 Datasheet HTML 4Page - ON Semiconductor PACUSBVB-D3 Datasheet HTML 5Page - ON Semiconductor PACUSBVB-D3 Datasheet HTML 6Page - ON Semiconductor PACUSBVB-D3 Datasheet HTML 7Page - ON Semiconductor PACUSBVB-D3 Datasheet HTML 8Page - ON Semiconductor PACUSBVB-D3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PACUSBVBD1/D2/D3
Rev. 2 | Page 4 of 9 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R1
Resistance of R1 Resistor
(PACUSBVB-D2Y6/Y6R)
T
A = 25°C
12
15
18
Ω
R1
Resistance of R1 Resistor
(PACUSBVB-D3Y6/Y6R)
T
A = 25°C
17.6
22
26.4
Ω
R1
Resistance of R1 Resistor
(PACUSBVB-D1Y6/Y6R)
T
A = 25°C
26.4
33
39.6
Ω
R2
Resistance of R2 Resistor
T
A = 25°C
15
k
Ω
TCR
Temperature Coefficient of
Resistance
+1300
ppm/°
C
0 VDC; 30 mVAC; 1MHz; 25°C
37.6
47
56.4
pF
C1
Capacitance of C1 Capacitor
2.5 VDC; 30 mVAC; 1MHz; 25°C
25.6
32
38.4
pF
TOL
CM
Matching Tolerance of C1
Capacitors
1MHz; 25°C
+2
%
I
LEAK
Diode Leakage Current to GND
Measured at 3.3 VDC, 25°C
1
100
nA
V
RB
Diode Reverse Bias Voltage
I
LOAD = 10μA; TA = 25°C
5.5
V
V
SIG
Signal Voltage:
Positive Clamp
Negative Clamp
I
LOAD = 10mA; TA = 25°C
I
LOAD = 10mA; TA = 25°C
5.6
-0.4
6.8
-0.8
9.0
-1.5
V
V
V
ESD
In-system ESD Withstand Voltage
MIL-STD-883D, Method 3015
(HBM)
IEC 61000-4-2 Contact
Discharge
Pins 1, 3; Notes 1 and 2
Pins 4, 5; Note 1
Pins 4, 5; Note 1
±4
±20
±15
kV
kV
kV
MIL-STD-883D, Method 3015
+8kV; Note 3
12
V
V
CL
Clamping voltage under ESD
discharge
MIL-STD-883D, Method 3015 -8kV;
Note 3
-7
V
Note 1: ESD voltage applied to pins with respect to GND, one at a time; unused pins are left open.
Note 2: Pins 1 and 3 are not connected to the USB port connector, and therefore are not exposed to external ESD hazards.
Thus, they do not require the high ESD protection levels provided for pins 4, 5, and 6.
Note 3: ESD Clamping Voltage is measured at the opposite end of R1 from the pin to which the ESD discharge is applied (e.g., if
ESD is applied to pin 6, then the clamping voltage is measured at pin 1).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com