Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3907 Datasheet(PDF) 3 Page - EPCOS

Part # B3907
Description  SAW RF filter Short Range Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3907 Datasheet(HTML) 3 Page - EPCOS

  B3907 Datasheet HTML 1Page - EPCOS B3907 Datasheet HTML 2Page - EPCOS B3907 Datasheet HTML 3Page - EPCOS B3907 Datasheet HTML 4Page - EPCOS B3907 Datasheet HTML 5Page - EPCOS B3907 Datasheet HTML 6Page - EPCOS B3907 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
April 19, 2010
B3907
447.70 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
447.7
—
MHz
Maximum insertion attenuation
α
max
446.90 ...
448.50 MHz
—
3.0
3.5
dB
Amplitude ripple (p-p)
∆α
446.90 ...
448.50 MHz
—
0.4
1.8
dB
Input VSWR
446.90 ...
448.50 MHz
—
1.3
2.0
Output VSWR
446.90 ...
448.50 MHz
—
1.3
2.0
Attenuation
α
10.00 ...
393.78 MHz
55
64
—
dB
393.78 ...
437.20 MHz
45
52
—
dB
437.20 ...
441.20 MHz
28
32
—
dB
441.20 ...
443.20 MHz
7
16
—
dB
452.20 ...
458.20 MHz
5
14
—
dB
458.20 ...
473.78 MHz
30
35
—
dB
473.78 ... 1000.00 MHz
46
50
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com