Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB-D3Y6 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PACUSBVB-D3Y6
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBVB-D3Y6 Datasheet(HTML) 1 Page - ON Semiconductor

  PACUSBVB-D3Y6 Datasheet HTML 1Page - ON Semiconductor PACUSBVB-D3Y6 Datasheet HTML 2Page - ON Semiconductor PACUSBVB-D3Y6 Datasheet HTML 3Page - ON Semiconductor PACUSBVB-D3Y6 Datasheet HTML 4Page - ON Semiconductor PACUSBVB-D3Y6 Datasheet HTML 5Page - ON Semiconductor PACUSBVB-D3Y6 Datasheet HTML 6Page - ON Semiconductor PACUSBVB-D3Y6 Datasheet HTML 7Page - ON Semiconductor PACUSBVB-D3Y6 Datasheet HTML 8Page - ON Semiconductor PACUSBVB-D3Y6 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
USB Downstream Port Terminator
with VBUS ESD Protection
PACUSBVB-D1/D2/D3
©2010 SCILLC. All rights reserved.
Publication Order Number:
June 2010 – Rev. 2
PACUSBVBD1/D2/D3/D
Features
•
A low-capacitance USB downstream port
terminator, EMI filter, and transient over-voltage
protector in a single surface-mounted package
•
ESD protection to
±20kV contact discharge, per
MIL-STD-883D, Method 3015
•
ESD protection to
±15kV contact discharge, per
IEC 61000-4-2 International Standard
•
Provides ESD protection for the VBUS line
•
Compact SOT23-6 package saves board space
and lowers manufacturing costs compared to
discrete solutions
•
Capacitors matched to a precision exceeding the
USB specification
•
Lead-free versions available
Applications
•
ESD protection and termination of USB
downstream ports
•
Desktop PCs
•
Notebooks
•
Set-top boxes
•
USB hubs
Product Description
The PACUSBVB-D1/D2/D3 is a single-channel USB
downstream-port termination network. It integrates
EMI/RFI
filter
components
R1
and
C1
as
recommended by the USB specification, as well as
the required 15kW pull-down resistors (R2) to GND.
In addition, PACUSBVB-D1/D2/D3 provides a very
high level of protection for sensitive electronic
components that may be subjected to electrostatic
discharge (ESD). The device pins will safely dissipate
ESD strikes of ±15kV, exceeding the maximum
requirements of the IEC 61000-4-2 international
standard. Using the MIL-STD-883D (Method 3015)
specification for Human Body Model (HBM) ESD, all
pins are protected from contact discharges to ±20kV.
The PACUSBVB-D1/D2/D3 also features a fifth zener
diode (cathode at pin 5) which provides ESD
protection for the USB VBUS line.
There are three options for the value of the series
resistor R1: 15
Ω, 33Ω, and 22Ω.
This series
resistance, plus the USB driver output resistance,
must be close to the USB cable’s characteristic
impedance
of
45W
(each
side)
to
minimize
transmission line reflections.
The PACUSBVB-D1/D2/D3 is housed in a 6-pin
SOT23 package and is available with optional lead-
free finishing.


Similar Part No. - PACUSBVB-D3Y6

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSBVB-D3Y6 CALMIRCO-PACUSBVB-D3Y6 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
More results

Similar Description - PACUSBVB-D3Y6

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSB200 CALMIRCO-PACUSB200 Datasheet
40Kb / 2P
USB DUAL DOWNSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
PACUSB-D1 CALMIRCO-PACUSB-D1 Datasheet
315Kb / 9P
USB Downstream Port Terminator
logo
ON Semiconductor
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2030XV6 ONSEMI-NUF2030XV6 Datasheet
56Kb / 6P
USB Upstream Terminator with ESD Protection
July, 2005 ??Rev. 2
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
PACUSB-D1 ONSEMI-PACUSB-D1 Datasheet
243Kb / 10P
USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
USB Downstream Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com