Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC Datasheet(PDF) 2 Page - Schurter Inc.

Part # FAC
Description  Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, vertical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FAC Datasheet(HTML) 2 Page - Schurter Inc.

  FAC Datasheet HTML 1Page - Schurter Inc. FAC Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholders
FAC
www.schurter.com/pg02
Fuses
Derating Curves for Fuseholders
5x20 mm
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient Air Temperature Ta °C
6.3x32 mm
1.5
1.0
0.5
0.0
2.5
3.2
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Variants
Holder
Cap
Fuse-Link
Terminal
Degree of Pro-
tection
Colour Cap
Remark
Order Number
l
-
5 x 20 or 6.3 x 32mm
Straight
IP 40
-
-
0031.3803
l
-
5 x 20 or 6.3 x 32mm
Kicked
IP 40
-
-
0031.3804
l
Slot Knob
6.3 x 32mm
Kicked
IP 40
Grey
0031.3804 + 0031.1666
0031.3822
l
Fingergrip
6.3 x 32mm
Kicked
IP 40
-
0031.3804 + 0031.1667
0031.3823
Slot Knob
6.3 x 32mm
-
IP 40
-
-
0031.1661
Slot Knob
5 x 20mm
-
IP 40
-
-
0031.1663
Slot Knob
6.3 x 32mm
-
IP 40
Grey
-
0031.1666
Packaging Unit
Bulk(100pcs.)
Required Accessory
Description
Fingergrip FEU, FAU, FAC
Caps Fingergrip for Holder FEU, FAU, FAC
Fingergrip, 6.3 x 32 mm, IP 40
0031.1667
Fingergrip, 5 x 20 mm, IP 40
0031.1741
Caps to FEU, FAU, FAC
Caps to Holder FEU, FEU (Med), FAU, FAC
Slot Knob, 6.3 x 32 mm, IP 40
0031.1661
Slot Knob, 5 x 20 mm, IP 40
0031.1663
Slot Knob, 6.3 x 32 mm, Grey, IP 40
0031.1666
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com