Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB-D3Y6R Datasheet(PDF) 3 Page - ON Semiconductor

Part # PACUSBVB-D3Y6R
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBVB-D3Y6R Datasheet(HTML) 3 Page - ON Semiconductor

  PACUSBVB-D3Y6R Datasheet HTML 1Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 2Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 3Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 4Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 5Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 6Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 7Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 8Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PACUSBVBD1/D2/D3
Rev. 2 | Page 3 of 9 | www.onsemi.com
Ordering Information
PART NUMBERING INFORMATION
Standard Finish
Lead-free Finish
Pins
R1 Value
Package
Ordering Part
Number
1
Part Marking
Ordering Part
Number
1
Part Marking
15
Ω
PACUSBVB-D2Y6
UD2
PACUSBVB-D2Y6R
UD2R
22
Ω
PACUSBVB-D3Y6
UD3
PACUSBVB-D3Y6R
UD3R
6
33
Ω
SOT23-6
PACUSBVB-D1Y6
UD1
PACUSBVB-D1Y6R
UD1R
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
Power Dissipation per Resistor
100
mW
Package Power Dissipation
200
mW
Voltage on any pin (DC)
6
V
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature
-40 to +85
°C
V
BUS Input Voltage
5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com