Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0031.1663 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0031.1663
Description  Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, vertical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.1663 Datasheet(HTML) 1 Page - Schurter Inc.

  0031.1663 Datasheet HTML 1Page - Schurter Inc. 0031.1663 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Fuseholders
FAC
www.schurter.com/pg02
Fuses
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, vertical
250 VAC · 3.2W/10A (VDE)16A (UL/CSA)
Description
-KickedorstraightPCB-terminals
-Verticalstyle
Standards
-IEC60127-6
-UL512
-CSAC22.2no.39
Approvals
-VDELicenseNumber:6945
-ULFileNumber:E39328
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
ShocksafeCategory
PC2
Fuse-Link
5x20or6.3x32mm
Mounting
PCB
Terminal
SolderTHT
RatedVoltage
250VAC
RatedCurrent
10A(VDE),16A(UL/CSA)
RatedPowerAcceptanceIEC 3.2W/10A@Ta23°C
2.5W/10Afor5x20mmfuse-link,see
deratingcurves
DegreeofProtection
IP40
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoplastic,black,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
6.5g/2.3g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,Current,Approvals
SolderingMethods
Wave
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-20,
TestTb,method1A
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
(50Hz;1min)
ImpulseWithstandVoltage
>4kVbetweenL-N
InsulationResistance
>10M
ΩbetweenL-N
(500VDC;1min)
OvervoltageCategory
I-IIIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
Abmessungen
47.5mm
6.5
1.05
10
max. 14.9
13±0.2
Variant 0031.3803 and 0031.3804
1.3
+0.1
0
10±0.1
Drilling diagram


Similar Part No. - 0031.1663

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1663 SCHURTER-0031.1663 Datasheet
454Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, horizontal
0031.1663 SCHURTER-0031.1663 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
More results

Similar Description - 0031.1663

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231618 SCHURTER-231618 Datasheet
268Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip, horizontal
FAU SCHURTER-FAU Datasheet
454Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, horizontal
0031.1714 SCHURTER-0031.1714 Datasheet
511Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot
0031.2500 SCHURTER-0031.2500 Datasheet
391Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot Knob, horizontal
0031.2550 SCHURTER-0031.2550 Datasheet
392Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot Knob, vertical
0031.1681 SCHURTER-0031.1681 Datasheet
227Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, Medical
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FAC SCHURTER-FAC_18 Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FAC SCHURTER-FAC_V01 Datasheet
284Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com