Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDI Datasheet(PDF) 2 Page - Schurter Inc.

Part # FDI
Description  Inline Fuseholder, 5x20 / 6.3x32 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FDI Datasheet(HTML) 2 Page - Schurter Inc.

  FDI Datasheet HTML 1Page - Schurter Inc. FDI Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholders
FDI
www.schurter.com/pg02
Fuses
Variants
Holder
Fuse-Link
Wire
Colour Wire
Length [mm]
Order Number
l
5 x 20mm
-
-
-
8601.2000
l
5 x 20mm
18 AWG
dark pink
200
8601.2001.08
l
6.3 x 32mm
-
-
-
8601.2005
l
6.3 x 32mm
14 AWG
pink
200
8601.2005.08
WireLength:8"
Packaging Unit
Bulk(50pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com