Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEF Datasheet(PDF) 2 Page - Schurter Inc.

Part # FEF
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FEF Datasheet(HTML) 2 Page - Schurter Inc.

  FEF Datasheet HTML 1Page - Schurter Inc. FEF Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholders
FEF
www.schurter.com/pg02
Fuses
16.2
2.8
4
38.4
max. 7
M12.7x1.5 / 2
6
Variant 2 0031.1185
13
0
-0.3
12
0
-0.1
Mounting Holes 0031.1161, 0031.1165, 0031.1913 and 0031.1914
Derating Curves for Fuseholders
0
20
40
60
80
100
0.5
0.0
I = << In
I = 0.7 In
I = 1.0 In
4.0
1.5
1.0
2.0
3.0
2.5
3.5
Ambient Air Temperature Ta °C
Variants
Holder
Cap
Terminal
Degree of Pro-
tection
Order Number
l
Slot Knob
Solder
IP 40
0031.1081
l
Fingergrip
Solder
IP 40
0031.1907
l
Slot Knob
Solder
IP 54
0031.1185
Quick-ConnectTerminalsonRequest
Packaging Unit
Bulk(100pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com