Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1603CS Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RL1603CS
Description  GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RL1603CS Datasheet(HTML) 2 Page - Rectron Semiconductor

  RL1603CS Datasheet HTML 1Page - Rectron Semiconductor RL1603CS Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( RL1601CS THRU RL1606CS )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, (
)
0
50
100
150
20.0
16.0
12.0
8.0
4.0
0
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG. 2 - TYPICAL REVERSE
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
1000
100
10
1.0
0.1
20
0
40
60
80
100 120 140
TC = 100
TC = 25
CHARACTERISTICS
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
300
250
200
150
100
50
0
1
2
5
10
20
50
100
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
TJ = 25
TJ = 25
Pulse Width = 300us
1% Duty Cycle
FIG. 5 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
80
40
20
10
4
1.0
.4
.1
.5
.6
.7
.8
.9
1.0
1.1
1.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com