Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL201G Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RL201G
Description  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RL201G Datasheet(HTML) 1 Page - Rectron Semiconductor

  RL201G Datasheet HTML 1Page - Rectron Semiconductor RL201G Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reliability
* Low leakage
* Low forward voltage drop
* High current capability
* Glass passivated junction
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RL201G
THRU
RL207G
DO-15
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
JUNCTION PLASTIC RECTIFIER
2001-6
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
70
20
-65 to + 175
Amps
pF
0 C
UNITS
Typical Thermal Resistance
R
θ JA
40
0C/ W
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
50
200
400
600
800
1000
100
RL201G
RL202G
RL203G
RL204G RL205G
RL206G
RL207G
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average, Full Cycle
.375” (9.5mm) lead length at TL = 75
oC
VF
SYMBOL
IR
UNITS
1.1
5.0
30
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
@TA = 25
oC
@TA = 100
oC
RL201G
RL202G RL203G RL204G
RL205G
RL206G
RL207G
50
1.0 (25.4)
MIN.
.230 (5.8)
.300 (7.6)
1.0 (25.4)
MIN.
.140 (3.6)
.104 (2.6)
DIA.
.034 (0.9)
.028 (0.7)
DIA.


Similar Part No. - RL201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
RL201G JGD-RL201G Datasheet
128Kb / 2P
2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Shanghai Lunsure Electr...
RL201G CHENYI-RL201G Datasheet
141Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Dc Components
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
logo
Formosa MS
RL201G FORMOSA-RL201G Datasheet
32Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
More results

Similar Description - RL201G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG150 PANJIT-PG150 Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
PG200 PANJIT-PG200 Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
PG5391 PANJIT-PG5391 Datasheet
51Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
PG5400 PANJIT-PG5400 Datasheet
54Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Rectron Semiconductor
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FR201G RECTRON-FR201G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
RL151G RECTRON-RL151G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Chenmko Enterprise Co. ...
1N5400GPT CHENMKO-1N5400GPT Datasheet
80Kb / 2P
JUNCTION PLASTIC RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 3 Amperes
logo
Rectron Semiconductor
FM201C RECTRON-FM201C Datasheet
30Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
GOOD-ARK Electronics
RL201G GOOD-ARK-RL201G_15 Datasheet
105Kb / 2P
Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com