Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3933 Datasheet(PDF) 6 Page - EPCOS

Part # B3933
Description  SAW filter Short range devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3933 Datasheet(HTML) 6 Page - EPCOS

Back Button B3933 Datasheet HTML 2Page - EPCOS B3933 Datasheet HTML 3Page - EPCOS B3933 Datasheet HTML 4Page - EPCOS B3933 Datasheet HTML 5Page - EPCOS B3933 Datasheet HTML 6Page - EPCOS B3933 Datasheet HTML 7Page - EPCOS B3933 Datasheet HTML 8Page - EPCOS B3933 Datasheet HTML 9Page - EPCOS B3933 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
September 15, 2009
B3933
433.92 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
ESD protection of SAW filters
SAW filters are Electro Static Discharge sensitive devices. To reduce the probability of damages
caused by ESD, special matching topologies have to be applied.
In general, “ESD matching” has to be ensured at that filter port, where electrostatic discharge is
expected.
Electrostatic discharges predominantly appear at the antenna input of RF receivers. Therefore
only the input matching of the SAW filter has to be designed to short circuit or to block the ESD
pulse.
Below two figures show recommended “ESD matching” topologies.
Depending on the input impedance of the SAW filter and the source impedance, the needed
component values have to be determined from case to case.
Fig. 1 MLC varistor plus ESD matching
Fig. 2 Suppressor diode plus ESD matching
In cases where minor ESD occur, following simplified “ESD matching” topologies can be used
alternatively.
Fig. 3 shunt L – series L matching
Fig. 4 series C – shunt L matching
Effectiveness of the applied ESD protection has to be checked according to relevant industry
standards or customer specific requirements.
For further information, please refer to EPCOS Application report:
“ESD protection for SAW filters”. This report can be found under www.epcos.com/rke. Click on
“data sheets” and then “Applications” under category “Further information”.
Lp2
Ls3
to output
matching
Lp2
Ls3
Dp1
matching
to output
Lp1
Ls2
matching
to output
Lp2
Cs1
matching
to output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com