Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4041 Datasheet(PDF) 3 Page - EPCOS

Part # B4041
Description  SAW RF filter Short range devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4041 Datasheet(HTML) 3 Page - EPCOS

  B4041 Datasheet HTML 1Page - EPCOS B4041 Datasheet HTML 2Page - EPCOS B4041 Datasheet HTML 3Page - EPCOS B4041 Datasheet HTML 4Page - EPCOS B4041 Datasheet HTML 5Page - EPCOS B4041 Datasheet HTML 6Page - EPCOS B4041 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
June 26, 2009
B4041
2450.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
TA = –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2448.50
—
MHz
Maximum insertion attenuation
α
max
2400.00 ... 2497.00 MHz
—
2.9
4.0
dB
Amplitude ripple (p-p)
∆α
2400.00 ... 2497.00 MHz
—
1.4
2.7
dB
Attenuation
α
50.00 ... 1785.00 MHz
15.0
19.0
—
dB
1785.00 ... 2100.00 MHz
18.0
22.0
—
dB
2100.00 ... 2300.00 MHz
24.0
28.0
—
dB
2600.00 ... 2800.00 MHz
22.0
26.0
—
dB
2800.00 ... 3100.00 MHz
24.0
28.0
—
dB
3100.00 ... 4200.00 MHz
20.0
25.0
—
dB
4200.00 ... 5000.00 MHz
7.0
10.0
—
dB
Maximum ratings
Operable temperature range TA
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Input power max.
PIN
16.0
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com