Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4236 Datasheet(PDF) 2 Page - EPCOS

Part # B4236
Description  SAW Rx 2in1 filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4236 Datasheet(HTML) 2 Page - EPCOS

  B4236 Datasheet HTML 1Page - EPCOS B4236 Datasheet HTML 2Page - EPCOS B4236 Datasheet HTML 3Page - EPCOS B4236 Datasheet HTML 4Page - EPCOS B4236 Datasheet HTML 5Page - EPCOS B4236 Datasheet HTML 6Page - EPCOS B4236 Datasheet HTML 7Page - EPCOS B4236 Datasheet HTML 8Page - EPCOS B4236 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
July 06, 2007
B4236
769.0 / 809.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx 2in1 filter
Data sheet
Application
s
Low-loss 2in1 RF filter for Trunked Radio
s
Device with two integrated Rx filters
s
Low amplitude ripple
s
Usable passband:
Filter 1 : 31.0 MHz
Filter 2 : 14.0 MHz
s
No matching network required for operation at 50
Ω
Features
s
Package size 3.0 x 2.5 x 0.98 mm3
s
Package code QCC8E
s
RoHS compatible
s
Approx. weight 0.008 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
1,0 1,0
0,5
1,0
bottom view
side view
top view
3,0
5
6
7
1
2
3
Pin configuration
s
1
Input (filter 1)
s
7
Output (filter 1)
s
3
Input (filter 2)
s
5
Output (filter 2)
s
2,6
Ground
s
4,8
Case ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com