Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5015 Datasheet(PDF) 3 Page - EPCOS

Part # B5015
Description  CDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5015 Datasheet(HTML) 3 Page - EPCOS

  B5015 Datasheet HTML 1Page - EPCOS B5015 Datasheet HTML 2Page - EPCOS B5015 Datasheet HTML 3Page - EPCOS B5015 Datasheet HTML 4Page - EPCOS B5015 Datasheet HTML 5Page - EPCOS B5015 Datasheet HTML 6Page - EPCOS B5015 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
June 29, 2009
B5015
70.0 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω unbalanced and matching network
Terminating load impedance:
ZL =50 Ω unbalanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
70.0
—
MHz
Minimum insertion attenuation
α
min
—
11.1
12.5
dB
(including matching network)
Passband width
α
rel ≤ 1.2 dB
B1.2dB
11.45
11.6
—
MHz
α
rel ≤
3dB
B3dB
12.00
12.7
—
MHz
α
rel ≤ 40 dB
B40dB
—
16.9
18.25
MHz
Amplitude ripple (p-p)
∆α
fN ± 5.0 MHz
—
0.5
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 5.0 MHz
—
70
—
ns
Absolute group delay (mean)
τ
fN ± 5.0 MHz
—
0.95
—
µs
Phase ripple (p-p)
∆ϕ
fN ± 5.0 MHz
—
5
11.5
°
Phase ripple (rms)
∆ϕ
fN ± 5.0 MHz
—
0.8
—
° rms
Relative attenuation (relative to
α
min)
α
rel
fN ± 9.2 MHz ...fN ± 20 MHz
40
43
—
dB
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com